PART |
Description |
Maker |
CM431690 CM431290 |
Dual SCR POW-R-BLOK?Modules 90 Amperes/1200-1600 Volts Dual SCR POW-R-BLOK?/a> Modules 90 Amperes/1200-1600 Volts Dual SCR POW-R-BLOK⑩ Modules 90 Amperes/1200-1600 Volts Dual SCR POW-R-BLOK Modules 90 Amperes/1200-1600 Volts Dual SCR POW-R-BLOKModules 90 Amperes/1200-1600 Volts 140 A, 1200 V, SCR
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors] Powerex, Inc.
|
CD430840A CD431240A CD431640A CD4340A |
POW-R-BLOK Dual SCR Isolated Module 40 Amperes / Up to 1600 Volts 63 A, 800 V, SCR POW-R-BLOK Dual SCR Isolated Module 40 Amperes / Up to 1600 Volts 的POW - r -隔离台BLOk反应腔双可控硅模块四零安高达1600伏特
|
Powerex Power Semicondu... Powerex, Inc. POWEREX[Powerex Power Semiconductors] Powerex Power Semiconductor...
|
ND421025 ND421225 ND420625 ND420825 ND421425 ND422 |
POW-R-BLOK Dual SCR/Diode Isolated Module (250 Amperes / Up to 1600 Volts) 393 A, 600 V, SCR
|
POWEREX[Powerex Power Semiconductors]
|
LD431050 LD431450 LD431250 LD431650 LD4350 LD43085 |
POW-R-BLOK Dual SCR Isolated Module (500 Amperes / Up to 1600 Volts)
|
Powerex Powers POWEREX[Powerex Power Semiconductors]
|
ND432025 |
POW-R-BLOK Dual SCR Isolated Module (250 Amperes / 2000 Volts)
|
POWEREX[Powerex Power Semiconductors]
|
ND431825 |
POW-R-BLOK Dual SCR Isolated Module (250 Amperes / 1800 Volts)
|
POWEREX[Powerex Power Semiconductors]
|
LD420850 LD421250 LD4250 LD421050 LD421450 LD42165 |
POW-R-BLOK Dual SCR/Diode Isolated Module (500 Amperes / Up to 1600 Volts)
|
Powerex Powers POWEREX[Powerex Power Semiconductors]
|
LD431843 LD4343 LD432043 LD432243 |
POW-R-BLOK Dual SCR Isolated Module (430 Amperes / 1800-2200 Volts)
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors]
|
T7SH024.58GDN T72H024.58GDN T707063.258GDN T607021 |
706.5 A, SCR T7S, 3 PIN 706.5 A, SCR T72, 3 PIN 510.25 A, SCR T70, 3 PIN 196.25 A, SCR T60, 3 PIN 431.75 A, SCR T70, 3 PIN 392.5 A, SCR 109.9 A, 300 V, SCR 471 A, SCR 1177.5 A, SCR 785 A, SCR 942 A, SCR 2669 A, SCR 565.2 A, SCR 549.5 A, SCR 2512 A, SCR 1570 A, 700 V, SCR 235.5 A, SCR 62.8 A, SCR 1256 A, SCR 628 A, SCR 4710 A, SCR 1020.5 A, SCR 109.9 A, 150 V, SCR 1570 A, SCR 2826 A, SCR 3140 A, SCR 1727 A, SCR
|
Powerex, Inc. POWEREX INC
|
CD471290 CD420890 CD421690 CD471690 CD4290 CD42129 |
POW-R-BLOK Dual SCR/Diode Isolated Module 90 Amperes / Up to 1600 Volts R8C Series, R8C/33A Group, WDTO 32P6U-A; Vcc= 1.8 to 5.5 volts, Temp= -20 to 85 C, dataflash; Package: PLQP0052JA-A 140 A, 1600 V, SCR
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors] http:// Powerex Power Semicondu...
|
CT220802 |
Split SCR/Diode POW-R-BLOK?Modules 20 Amperes/800 Volts Split SCR/Diode POW-R-BLOK Modules 20 Amperes/800 Volts Split SCR/Diode POW-R-BLOK⑩ Modules 20 Amperes/800 Volts
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors]
|
N275CH04 N275CH04LOO N275CH04KOO N275CH04HOO N275C |
769.3 A, 400 V, SCR, TO-200AB 5565.65 A, 400 V, SCR 1640.65 A, 600 V, SCR, TO-200AC 36.11 A, 1200 V, SCR, TO-48 2614.05 A, 1400 V, SCR 3799.4 A, 3400 V, SCR 2610.91 A, 2600 V, SCR 133.45 A, 800 V, SCR 4474.5 A, 4200 V, SCR 3925 A, 4500 V, SCR 3925 A, 4400 V, SCR 2692.55 A, 1600 V, SCR 70.65 A, 200 V, SCR, TO-65 3595.3 A, 400 V, SCR 3595.3 A, 200 V, SCR 4003.5 A, 2800 V, SCR 1428.7 A, 1800 V, SCR, TO-200AC 1428.7 A, 1600 V, SCR, TO-200AC 612.3 A, 1600 V, SCR 32.97 A, 1000 V, SCR, TO-48 98.91 A, 1000 V, SCR, TO-65
|
Westcode Semiconductors, Ltd. WESTCODE SEMICONDUCTORS LTD
|
|